Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 66Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 67Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 68Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 69Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 70Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 71Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 72Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 73Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 242 page
background image
70
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 13-6.
MP3STA Register
MP3STA (S:C8h Read Only) – MP3 Decoder Status Register
Reset Value = 0000 0001b
Table 13-7.
MP3DAT Register
MP3DAT (S:ACh) – MP3 Data Register
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
Bit Number
Bit
Mnemonic
Description
7
MPANC
Ancillary Data Available Flag
Set by hardware as soon as one ancillary data is available (buffer not empty).
Cleared by hardware when no more ancillary data is available (buffer empty).
6
MPREQ
MP3 Data Request Flag
Set by hardware when MP3 decoder request data.
Cleared when reading MP3STA.
5
ERRLAY
Invalid Layer Error Flag
Set by hardware when an invalid layer is encountered.
Cleared when reading MP3STA.
4
ERRSYN
Frame Synchronization Error Flag
Set by hardware when no synchronization pattern is encountered in a frame.
Cleared when reading MP3STA.
3
ERRCRC
CRC Error Flag
Set by hardware when a frame handling CRC is corrupted.
Cleared when reading MP3STA.
2 - 1
MPFS1:0
Frequency Sampling Bits
Refer to Table 13-4 for bits description.
0
MPVER
MPEG Version Bit
Set by the MP3 decoder when the loaded frame is a MPEG I frame.
Cleared by the MP3 decoder when the loaded frame is a MPEG II frame.
7
6
5
4
3
2
1
0
MPD7
MPD6
MPD5
MPD4
MPD3
MPD2
MPD1
MPD0
Bit Number
Bit
Mnemonic
Description
7 - 0
MPD7:0
Input Stream Data Buffer
8-bit MP3 stream data input buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com