Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 36Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 37Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 38Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 39Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 40Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 41Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 42Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 43Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 242 page
background image
40
4341H–MP3–10/07
AT8xC51SND2C/MP3B
9.2
External Interrupts
9.2.1
INT1:0 Inputs
External interrupts INT0 and INT1 (INTn, n = 0 or 1) pins may each be programmed to be level-
triggered or edge-triggered, dependent upon bits IT0 and IT1 (ITn, n = 0 or 1) in TCON register
as shown in Figure 9-2. If ITn = 0, INTn is triggered by a low level at the pin. If ITn = 1, INTn is
negative-edge triggered. External interrupts are enabled with bits EX0 and EX1 (EXn, n = 0 or 1)
in IEN0. Events on INTn set the interrupt request flag IEn in TCON register. If the interrupt is
edge-triggered, the request flag is cleared by hardware when vectoring to the interrupt service
routine. If the interrupt is level-triggered, the interrupt service routine must clear the request flag
and the interrupt must be deasserted before the end of the interrupt service routine.
INT0 and INT1 inputs provide both the capability to exit from Power-down mode on low level sig-
nals as detailed in section “Exiting Power-down Mode”, page 50.
Figure 9-2.
INT1:0 Input Circuitry
9.2.2
KIN0 Inputs
External interrupts KIN0 provides the capability to connect a keyboard. For detailed information
on this inputs, refer to section “Keyboard Interface”, page 204.
9.2.3
Input Sampling
External interrupt pins (INT1:0 and KIN0) are sampled once per peripheral cycle (6 peripheral
clock periods) (see Figure 9-3). A level-triggered interrupt pin held low or high for more than 6
peripheral clock periods (12 oscillator in standard mode or 6 oscillator clock periods in X2 mode)
guarantees detection. Edge-triggered external interrupts must hold the request pin low for at
least 6 peripheral clock periods.
Figure 9-3.
Minimum Pulse Timings
0
1
INT0/1
IT0/1
TCON.0/2
EX0/1
IEN0.0/2
INT0/1
Interrupt
Request
IE0/1
TCON.1/3
Edge-Triggered Interrupt
Level-Triggered Interrupt
1 cycle
1 cycle
>
1 Peripheral Cycle
1 cycle
>
1 Peripheral Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com