Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 30Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 31Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 32Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 33Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 34Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 35Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 36Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 37Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 242 page
background image
34
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 8-12.
MMC Controller SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
MMCON0
E4h MMC Control 0
DRPTR
DTPTR
CRPTR
CTPTR
MBLOCK
DFMT
RFMT
CRCDIS
MMCON1
E5h MMC Control 1
BLEN3
BLEN2
BLEN1
BLEN0
DATDIR
DATEN
RESPEN
CMDEN
MMCON2
E6h MMC Control 2
MMCEN
DCR
CCR
-
-
DATD1
DATD0
FLOWC
MMSTA
DEh MMC Control and Status
-
-
CBUSY
CRC16S
DATFS
CRC7S
RESPFS
CFLCK
MMINT
E7h MMC Interrupt
MCBI
EORI
EOCI
EOFI
F2FI
F1FI
F2EI
F1EI
MMMSK
DFh MMC Interrupt Mask
MCBM
EORM
EOCM
EOFM
F2FM
F1FM
F2EM
F1EM
MMCMD
DD
h
MMC Command
MC7
MC6
MC5
MC4
MC3
MC2
MC1
MC0
MMDAT
DC
h
MMC Data
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
MMCLK
EDh MMC Clock Divider
MMCD7
MMCD6
MMCD5
MMCD4
MMCD3
MMCD2
MMCD1
MMCD0
Table 8-13.
IDE Interface SFR
Mnemonic Add Name
7
6
5
4
3
2
1
0
DAT16H
F9h High Order Data Byte
D15
D14
D13
D12
D11
D10
D9
D8
Table 8-14.
Serial I/O Port SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
SCON
98h Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h Serial Data Buffer
SADEN
B9h Slave Address Mask
SADDR
A9h Slave Address
BDRCON
92h Baud Rate Control
BRR
TBCK
RBCK
SPD
SRC
BRL
91h Baud Rate Reload
Table 8-15.
SPI Controller SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
SPCON
C3h SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h SPI Status
SPIF
WCOL
-
MODF
-
-
-
-
SPDAT
C5h SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com