Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 34Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 35Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 36Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 37Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 38Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 39Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 40Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 41Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 242 page
background image
38
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 9-2.
Priority Levels
A low-priority interrupt is always interrupted by a higher priority interrupt but not by another inter-
rupt of lower or equal priority. Higher priority interrupts are serviced before lower priority
interrupts. The response to simultaneous occurrence of equal priority interrupts is determined by
an internal hardware polling sequence detailed in Table 9-3. Thus, within each priority level
there is a second priority structure determined by the polling sequence. The interrupt control
system is shown in Figure 9-1.
Table 9-3.
Priority within Same Level
IPHxx
IPLxx
Priority Level
0
0
0 Lowest
0
1
1
1
0
2
1
1
3 Highest
Interrupt Name
Priority Number
Interrupt Address Vectors
Interrupt Request Flag
Cleared by Hardware (H)
or by Software (S)
INT0
0 (Highest Priority)
C:0003h
H if edge, S if level
Timer 0
1
C:000Bh
H
INT1
2
C:0013h
H if edge, S if level
Timer 1
3
C:001Bh
H
Serial Port
4
C:0023h
S
MP3 Decoder
5
C:002Bh
S
Audio Interface
6
C:0033h
S
MMC Interface
7
C:003Bh
S
Two Wire Controller
8
C:0043h
S
SPI Controller
9
C:004Bh
S
A to D Converter
10
C:0053h
S
Keyboard
11
C:005Bh
S
Reserved
12
C:0063h
-
USB
13
C:006Bh
S
Reserved
14 (Lowest Priority)
C:0073h
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com