Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89SND2CMP3B Datasheet HTML 1Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 2Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 3Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 4Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 5Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 6Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 7Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 8Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 242 page
background image
2
4341H–MP3–10/07
AT8xC51SND2C/MP3B
1.
Description
The AT8xC51SND2C has been developed for handling MP3 ringing tones in mobile phones and
can replace sound generators while adding SD/MMC card reader, MP3 music decoding, and
connection of the cell phone to a PC through USB. Cell phones can also be used as a thumb
drive extending cell phone capabilities.
The AT8xC51SND2C are fully integrated stand-alone hardwired MPEG I/II-Layer 3 decoder with
a C51 microcontroller core handling data flow, MP3-player control, Stereo Audio DAC and Mono
Audio Power Amplifier for speaker control.
The AT89C51SND2C includes 64K Bytes of Flash memory and allows In-System Programming
through an embedded 4K Bytes of Boot Flash memory.
The AT83SND2C includes 64K Bytes of ROM memory.
The AT8xC51SND2C include 2304 Bytes of RAM memory.
The AT8xC51SND2C provides the necessary features for human interface like timers, keyboard
port, serial or parallel interface (USB, TWI, SPI, IDE), I2S output, and all external memory inter-
face (NAND or NOR Flash, SmartMedia, MultiMedia, DataFlash cards).
The AT8XSND2CMP3B provides also ADC input to the previous configuration. 89SND2CMP3B
includes 64K Bytes of Flash memory. 83SND2CMP3B includes 64K Bytes of ROM memory.
In the following of the document, AT8xC51SND2C refers to the generic product. When named
explicitly, AT8XSND2CMP3B refers to the version with A/D converter.
2.
Typical Applications
• MP3-Player
• PDA, Camera, Mobile Phone MP3
• Car Audio/Multimedia MP3
• Home Audio/Multimedia MP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com