Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 52Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 53Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 54Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 55Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 56Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 57Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 58Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 59Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 242 page
background image
56
4341H–MP3–10/07
AT8xC51SND2C/MP3B
•
When Timer 0 is in mode 3, it uses Timer 1’s overflow flag (TF1) and run control bit (TR1).
For this situation, use Timer 1 only for applications that do not require an interrupt (such as a
Baud Rate Generator for the Serial Port) and switch Timer 1 in and out of mode 3 to turn it
off and on.
•
It is important to stop the Timer/Counter before changing modes.
11.4.1
Mode 0 (13-bit Timer)
Mode 0 configures Timer 1 as a 13-bit Timer, which is set up as an 8-bit Timer (TH1 register)
with a modulo-32 prescaler implemented with the lower 5 bits of the TL1 register (see Figure 11-
2). The upper 3 bits of TL1 register are ignored. Prescaler overflow increments TH1 register.
11.4.2
Mode 1 (16-bit Timer)
Mode 1 configures Timer 1 as a 16-bit Timer with TH1 and TL1 registers connected in cascade
(see Figure 11-4). The selected input increments TL1 register.
11.4.3
Mode 2 (8-bit Timer with Auto-Reload)
Mode 2 configures Timer 1 as an 8-bit Timer (TL1 register) with automatic reload from TH1 reg-
ister on overflow (see Figure 11-6). TL1 overflow sets TF1 flag in TCON register and reloads
TL1 with the contents of TH1, which is preset by software. The reload leaves TH1 unchanged.
11.4.4
Mode 3 (Halt)
Placing Timer 1 in mode 3 causes it to halt and hold its count. This can be used to halt Timer 1
when TR1 run control bit is not available i.e. when Timer 0 is in mode 3.
11.5
Interrupt
Each Timer handles one interrupt source that is the timer overflow flag TF0 or TF1. This flag is
set every time an overflow occurs. Flags are cleared when vectoring to the Timer interrupt rou-
tine. Interrupts are enabled by setting ETx bit in IEN0 register. This assumes interrupts are
globally enabled by setting EA bit in IEN0 register.
Figure 11-10. Timer Interrupt System
TF0
TCON.5
ET0
IEN0.1
Timer 0
Interrupt Request
TF1
TCON.7
ET1
IEN0.3
Timer 1
Interrupt Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com