Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 72Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 73Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 74Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 75Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 76Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 77Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 242 page
background image
76
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Figure 14-4. Audio Output Format
The data converter receives its audio stream from 2 sources selected by the SRC bit in
AUDCON1 register. When cleared, the audio stream comes from the MP3 decoder (see
Section “MP3 Decoder”, page 63) for song playing. When set, the audio stream is coming from
the C51 core for voice or sound playing.
As soon as first audio data is input to the data converter, it enables the clock generator for gen-
erating the bit and word clocks.
14.4
Audio Buffer
In voice or sound playing mode, the audio stream comes from the C51 core through an audio
buffer. The data is in 8-bit format and is sampled at 8 kHz. The audio buffer adapts the sample
format and rate. The sample format is extended to 16 bits by filling the LSB to 00h. Rate is
adapted to the DAC rate by duplicating the data using DUP1:0 bits in AUDCON1 register
according to Table 14-2.
The audio buffer interfaces to the C51 core through three flags: the sample request flag (SREQ
in AUDSTA register), the under-run flag (UNDR in AUDSTA register) and the busy flag
(AUBUSY in AUDSTA register). SREQ and UNDR can generate an interrupt request as
explained in Section "Interrupt Request", page 77. The buffer size is 8 Bytes large. SREQ is set
when the samples number switches from 4 to 3 and reset when the samples number switches
from 4 to 5; UNDR is set when the buffer becomes empty signaling that the audio interface ran
out of samples; and AUBUSY is set when the buffer is full.
DSEL
DCLK
DOUT
MSB
I2S Format with DSIZ = 0 and JUST4:0 = 00001.
LSB
B14
MSB
LSB
B14
B1
B1
DSEL
DCLK
DOUT
MSB
I2S Format with DSIZ = 1 and JUST4:0 = 00001.
LSB
B14
MSB
LSB
B14
1
2
3
13
14
15
16
1
2
3
13
14
15
16
Left Channel
Right Channel
1
2
3
17
18
32
1
2
3
17
18
32
DSEL
DCLK
DOUT
B14
MSB/LSB Justified Format with DSIZ = 0 and JUST4:0 = 00000.
MSB
B1
B15
MSB
B1
LSB
LSB
1
2
3
13
14
15
16
1
2
3
13
14
15
16
Left Channel
Right Channel
Left Channel
Right Channel
DSEL
DCLK
DOUT
16-bit LSB Justified Format with DSIZ = 1 and JUST4:0 = 10000.
1
16
18
32
32
Left Channel
Right Channel
17
31
MSB B14
LSB
B1
MSB B14
LSB
B1
1
16
18
17
31
DSEL
DCLK
DOUT
18-bit LSB Justified Format with DSIZ = 1 and JUST4:0 = 01110.
1
15
30
32
Left Channel
Right Channel
16
31
MSB B16
B2
1
B1
LSB
MSB B16
B2
B1
LSB
15
30
32
16
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com