Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 57Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 58Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 59Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 60Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 61Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 62Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 63Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 64Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 242 page
background image
61
4341H–MP3–10/07
AT8xC51SND2C/MP3B
12.3
Watchdog Operation
After reset, the WDT is disabled. The WDT is enabled by writing the sequence 1Eh and E1h into
the WDTRST register. As soon as it is enabled, there is no way except the chip reset to disable
it. If it is not cleared using the previous sequence, the WDT overflows and forces a chip reset.
This overflow generates a high level 96 oscillator periods pulse on the RST pin to globally reset
the application (refer to Section “Power Management”, page 47).
The WDT time-out period can be adjusted using WTO2:0 bits located in the WDTPRG register
accordingly to the formula shown in Figure 12-3. In this formula, WTOval represents the decimal
value of WTO2:0 bits. Table 12-1 reports the time-out period depending on the WDT frequency.
Figure 12-3. WDT Time-Out Formula
Notes:
1. These frequencies are achieved in X1 mode or in X2 mode when WTX2 = 1:
FWDT = FOSC ÷ 2.
2. These frequencies are achieved in X2 mode when WTX2 = 0: FWDT = FOSC.
12.3.1
WDT Behavior during Idle and Power-down Modes
Operation of the WDT during power reduction modes deserves special attention.
The WDT continues to count while the AT8xC51SND2C is in Idle mode. This means that you
must dedicate some internal or external hardware to service the WDT during Idle mode. One
approach is to use a peripheral Timer to generate an interrupt request when the Timer over-
flows. The interrupt service routine then clears the WDT, reloads the peripheral Timer for the
next service period and puts the AT8xC51SND2C back into Idle mode.
The Power-down mode stops all phase clocks. This causes the WDT to stop counting and to
hold its count. The WDT resumes counting from where it left off if the Power-down mode is ter-
minated by INT0, INT1 or keyboard interrupt. To ensure that the WDT does not overflow shortly
after exiting the Power-down mode, it is recommended to clear the WDT just before entering
Power-down mode.
The WDT is cleared and disabled if the Power-down mode is terminated by a reset.
Table 12-1.
WDT Time-Out Computation
WTO2
WTO1
WTO0
F
WDT (ms)
6 MHz(1)
8 MHz(1)
10 MHz(1)
12 MHz(2)
16 MHz(2)
20 MHz(2)
0
0
0
16.38
12.28
9.83
8.19
6.14
4.92
0
0
1
32.77
24.57
19.66
16.38
12.28
9.83
0
1
0
65.54
49.14
39.32
32.77
24.57
19.66
0
1
1
131.07
98.28
78.64
65.54
49.14
39.32
1
0
0
262.14
196.56
157.29
131.07
98.28
78.64
1
0
1
524.29
393.1
314.57
262.14
196.56
157.29
1
1
0
1049
786.24
629.15
524.29
393.12
314.57
1
1
1
2097
1572
1258
1049
786.24
629.15
WDT
TO=
F
WDT
6
⋅ ((214 ⋅ 2WTOval) – 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com