Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 37Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 38Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 39Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 40Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 41Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 42Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 43Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 44Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 242 page
background image
41
4341H–MP3–10/07
AT8xC51SND2C/MP3B
9.3
Registers
Table 9-4.
IEN0 Register
IEN0 (S:A8h) – Interrupt Enable Register 0
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
EA
EAUD
EMP3
ES
ET1
EX1
ET0
EX0
Bit Number
Bit
Mnemonic
Description
7
EA
Enable All Interrupt Bit
Set to enable all interrupts.
Clear to disable all interrupts.
If EA = 1, each interrupt source is individually enabled or disabled by setting or clearing
its interrupt enable bit.
6
EAUD
Audio Interface Interrupt Enable Bit
Set to enable audio interface interrupt.
Clear to disable audio interface interrupt.
5
EMP3
MP3 Decoder Interrupt Enable Bit
Set to enable MP3 decoder interrupt.
Clear to disable MP3 decoder interrupt.
4
ES
Serial Port Interrupt Enable Bit
Set to enable serial port interrupt.
Clear to disable serial port interrupt.
3
ET1
Timer 1 Overflow Interrupt Enable Bit
Set to enable timer 1 overflow interrupt.
Clear to disable timer 1 overflow interrupt.
2
EX1
External Interrupt 1 Enable bit
Set to enable external interrupt 1.
Clear to disable external interrupt 1.
1
ET0
Timer 0 Overflow Interrupt Enable Bit
Set to enable timer 0 overflow interrupt.
Clear to disable timer 0 overflow interrupt.
0
EX0
External Interrupt 0 Enable Bit
Set to enable external interrupt 0.
Clear to disable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com