Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 10Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 11Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 12Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 13Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 14Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 15Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 16Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 17Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 242 page
background image
14
4341H–MP3–10/07
AT8xC51SND2C/MP3B
5.2
X2 Feature
Unlike standard C51 products that require 12 oscillator clock periods per machine cycle, the
AT8xC51SND2C need only 6 oscillator clock periods per machine cycle. This feature called the
“X2 feature” can be enabled using the X2 bit(1) in CKCON (see Table 5-1) and allows the
AT8xC51SND2C to operate in 6 or 12 oscillator clock periods per machine cycle. As shown in
Figure 5-1, both CPU and peripheral clocks are affected by this feature. Figure 5-3 shows the X2
mode switching waveforms. After reset the standard mode is activated. In standard mode the
CPU and peripheral clock frequency is the oscillator frequency divided by 2 while in X2 mode, it
is the oscillator frequency.
Note:
1. The X2 bit reset value depends on the X2B bit in the Hardware Security Byte (see Table 6-3
on page 22). Using the AT89C51SND2C (Flash Version) the system can boot either in stan-
dard or X2 mode depending on the X2B value. Using AT83SND2C (ROM Version) the system
always boots in standard mode. X2B bit can be changed to X2 mode later by software.
Figure 5-3.
Mode Switching Waveforms
Note:
1. In order to prevent any incorrect operation while operating in X2 mode, user must be aware
that all peripherals using clock frequency as time reference (timers, etc.) will have their time
reference divided by 2. For example, a free running timer generating an interrupt every 20 ms
will then generate an interrupt every 10 ms.
5.3
PLL
5.3.1
PLL Description
The AT8xC51SND2C PLL is used to generate internal high frequency clock (the PLL Clock) syn-
chronized with an external low-frequency (the Oscillator Clock). The PLL clock provides the MP3
decoder, the audio interface, and the USB interface clocks. Figure 5-4 shows the internal struc-
ture of the PLL.
The PFLD block is the Phase Frequency Comparator and Lock Detector. This block makes the
comparison between the reference clock coming from the N divider and the reverse clock com-
ing from the R divider and generates some pulses on the Up or Down signal depending on the
edge position of the reverse clock. The PLLEN bit in PLLCON register is used to enable the
clock generation. When the PLL is locked, the bit PLOCK in PLLCON register (see Table 5-2) is
set.
The CHP block is the Charge Pump that generates the voltage reference for the VCO by inject-
ing or extracting charges from the external filter connected on PFILT pin (see Figure 5-5). Value
of the filter components are detailed in the Section “DC Characteristics”.
The VCO block is the Voltage Controlled Oscillator controlled by the voltage Vref produced by the
charge pump. It generates a square wave signal: the PLL clock.
X1 ÷ 2
X1
Clock
X2 Bit
X2 Mode(1)
STD Mode
STD Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com