Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 16Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 17Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 18Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 19Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 20Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 21Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 242 page
background image
20
4341H–MP3–10/07
AT8xC51SND2C/MP3B
6.2.3
Hardware Security Space
This space is composed of one Byte: the Hardware Security Byte (HSB see Table 6-3) divided in
2 separate nibbles. The MSN contains the X2 mode configuration bit and the Boot Loader Jump
Bit as detailed in Section “Boot Memory Execution”, page 20 and can be written by software
while the LSN contains the lock system level to protect the memory content against piracy as
detailed in Section “Hardware Security System”, page 20 and can only be written by hardware.
6.2.4
Extra Row Space
This space is composed of 2 Bytes:
•
The Software Boot Vector (SBV, see Table 6-4).
This Byte is used by the software boot loader to build the boot address.
•
The Software Security Byte (SSB, see Table 6-5).
This Byte is used to lock the execution of some boot loader commands.
6.3
Hardware Security System
The AT89C51SND2C implements three lock bits LB2:0 in the LSN of HSB (see Table 6-3) pro-
viding three levels of security for user’s program as described in Table 6-1 while the
AT83SND2C is always set in read disabled mode.
Level 0 is the level of an erased part and does not enable any security feature.
Level 1 locks the hardware programming of both user and boot memories.
Level 2 locks also hardware verifying of both user and boot memories
Level 3 locks also the external execution.
Notes:
1. U means unprogrammed, P means programmed and X means don’t care (programmed or
unprogrammed).
2. AT89C51SND2C products are delivered with third level programmed to ensure that the code
programmed by software using ISP or user’s boot loader is secured from any hardware piracy.
6.4
Boot Memory Execution
As internal C51 code space is limited to 64K Bytes, some mechanisms are implemented to allow
boot memory to be mapped in the code space for execution at addresses from F000h to FFFFh.
The boot memory is enabled by setting the ENBOOT bit in AUXR1 (see Figure 6-2). The three
ways to set this bit are detailed in the following sections.
6.4.1
Software Boot Mapping
The software way to set ENBOOT consists in writing to AUXR1 from the user’s software. This
enables boot loader or API routines execution.
Table 6-1.
Lock Bit Features(1)
Level
LB2
LB1
LB0
Internal
Execution
External
Execution
Hardware
Verifying
Hardware
Programming
Software
Programming
0
U
U
U
Enable
Enable
Enable
Enable
Enable
1
U
U
P
Enable
Enable
Enable
Disable
Enable
2
U
P
X
Enable
Enable
Disable
Disable
Enable
3(3)
P
X
X
Enable
Disable
Disable
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com