Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 43Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 44Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 45Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 46Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 47Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 48Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 49Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 242 page
background image
47
4341H–MP3–10/07
AT8xC51SND2C/MP3B
10. Power Management
2 power reduction modes are implemented in the AT8xC51SND2C: the Idle mode and the
Power-down mode. These modes are detailed in the following sections. In addition to these
power reduction modes, the clocks of the core and peripherals can be dynamically divided by 2
using the X2 mode detailed in section “X2 Feature”, page 14.
10.1
Reset
In order to start-up (cold reset) or to restart (warm reset) properly the microcontroller, an high
level has to be applied on the RST pin. A bad level leads to a wrong initialization of the internal
registers like SFRs, Program Counter… and to unpredictable behavior of the microcontroller. A
proper device reset initializes the AT8xC51SND2C and vectors the CPU to address 0000h. RST
input has a pull-down resistor allowing power-on reset by simply connecting an external capaci-
tor to VDD as shown in Figure 10-1. A warm reset can be applied either directly on the RST pin or
indirectly by an internal reset source such as the watchdog timer. Resistor value and input char-
acteristics are discussed in the Section “DC Characteristics” of the AT8xC51SND2C datasheet.
The status of the Port pins during reset is detailed in Table 10-1.
Figure 10-1. Reset Circuitry and Power-On Reset
Table 10-1.
Pin Conditions in Special Operating Modes
Note:
1. Refer to section “Audio Output Interface”, page 74.
10.1.1
Cold Reset
2 conditions are required before enabling a CPU start-up:
•
VDD must reach the specified VDD range
•
The level on X1 input pin must be outside the specification (VIH, VIL)
If one of these 2 conditions are not met, the microcontroller does not start correctly and can exe-
cute an instruction fetch from anywhere in the program space. An active level applied on the
RST pin must be maintained till both of the above conditions are met. A reset is active when the
level VIH1 is reached and when the pulse width covers the period of time where VDD and the
oscillator are not stabilized. 2 parameters have to be taken into account to determine the reset
pulse width:
•
VDD rise time,
•
Oscillator startup time.
Mode
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
MMC
Audio
Reset
Floating
High
High
High
High
High
Floating
1
Idle
Data
Data
Data
Data
Data
Data
Data
Data
Power-down
Data
Data
Data
Data
Data
Data
Data
Data
RST
VSS
To CPU Core
and Peripherals
RST
VDD
+
Power-on Reset
RST input circuitry
P
VDD
From Internal
Reset Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com