Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 87Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 88Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 89Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 90Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 91Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 242 page
background image
91
4341H–MP3–10/07
AT8xC51SND2C/MP3B
The selection between modes is done using DINTSEL 1:0 in DAC_MISC register (refer to Table
15-22.) according to Table 15-9.
Table 15-9.
Format Selection
15.1.9
De-emphasis and dither enable
The circuit features a de-emphasis filter for the playback channel. To enable the de-emphasis fil-
tering, DEEMPEN must be set to high.
Likewise, the dither option (added in the playback channel) is enabled by setting the DITHEN
signal to High.
Table 15-10. DAC Auxlilary Input Gain
DINTSEL 1:0
Format
00
I2S Justified
01
MSB Justified
1x
LSB Justified
AUXG 4:0
Gain (dB)
00000
20
00001
12
00010
9
00011
6
00100
3
00101
0
00110
-3
00111
-6
01000
-9
01001
-12
01010
-15
01011
-18
01100
-21
01101
-24
01110
-27
01111
-30
10000
-33
10001
<-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com