Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 73Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 74Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 75Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 76Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 77Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 242 page
background image
77
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 14-2.
Sample Duplication Factor
14.5
MP3 Buffer
In song playing mode, the audio stream comes from the MP3 decoder through a buffer. The
MP3 buffer is used to store the decoded MP3 data and interfaces to the decoder through a 16-
bit data input and data request signal. This signal asks for data when the buffer has enough
space to receive new data. Data request is conditioned by the DREQEN bit in AUDCON1 regis-
ter. When set, the buffer requests data to the MP3 decoder. When cleared no more data is
requested but data are output until the buffer is empty. This bit can be used to suspend the audio
generation (pause mode).
14.6
Interrupt Request
The audio interrupt request can be generated by 2 sources when in C51 audio mode: a sample
request when SREQ flag in AUDSTA register is set to logic 1, and an under-run condition when
UDRN flag in AUDSTA register is set to logic 1. Both sources can be enabled separately by
masking one of them using the MSREQ and MUDRN bits in AUDCON1 register. A global enable
of the audio interface is provided by setting the EAUD bit in IEN0 register.
The interrupt is requested each time one of the 2 sources is set to one. The source flags are
cleared by writing some data in the audio buffer through AUDDAT, but the global audio interrupt
flag is cleared by hardware when the interrupt service routine is executed.
Figure 14-5. Audio Interface Interrupt System
14.7
MP3 Song Playing
In MP3 song playing mode, the operations to do are to configure the PLL and the audio interface
according to the DAC selected. The audio clock is programmed to generate the 256·Fs or
384·Fs as explained in Section "Clock Generator", page 75. Figure 14-6 shows the configuration
flow of the audio interface when in MP3 song mode.
DUP1
DUP0
Factor
0
0
No sample duplication, DAC rate = 8 kHz (C51 rate).
0
1
One sample duplication, DAC rate = 16 kHz (2 x C51 rate).
1
0
2 samples duplication, DAC rate = 32 kHz (4 x C51 rate).
1
1
Three samples duplication, DAC rate = 48 kHz (6 x C51 rate).
SREQ
AUDSTA.7
Audio
Interrupt
Request
UDRN
AUDSTA.6
MSREQ
AUDCON1.5
EAUD
IEN0.6
MUDRN
AUDCON1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com