Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 9Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 10Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 11Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 12Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 13Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 14Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 15Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 16Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 242 page
background image
13
4341H–MP3–10/07
AT8xC51SND2C/MP3B
5.
Clock Controller
The AT8xC51SND2C clock controller is based on an on-chip oscillator feeding an on-chip Phase
Lock Loop (PLL). All internal clocks to the peripherals and CPU core are generated by this
controller.
5.1
Oscillator
The AT8xC51SND2C X1 and X2 pins are the input and the output of a single-stage on-chip
inverter (see Figure 5-1) that can be configured with off-chip components such as a Pierce oscil-
lator (see Figure 5-2). Value of capacitors and crystal characteristics are detailed in the section
“DC Characteristics”.
The oscillator outputs three different clocks: a clock for the PLL, a clock for the CPU core, and a
clock for the peripherals as shown in Figure 5-1. These clocks are either enabled or disabled,
depending on the power reduction mode as detailed in the section “Power Management” on
page 47. The peripheral clock is used to generate the Timer 0, Timer 1, MMC, SPI, and Port
sampling clocks.
Figure 5-1.
Oscillator Block Diagram and Symbol
Figure 5-2.
Crystal Connection
X1
X2
PD
PCON.1
IDL
PCON.0
Peripheral
CPU Core
0
1
X2
CKCON.0
÷ 2
PER
CLOCK
Clock
Clock
Peripheral Clock Symbol
CPU
CLOCK
CPU Core Clock Symbol
OSC
CLOCK
Oscillator Clock Symbol
Oscillator
Clock
VSS
X1
X2
Q
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com