Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 242 page
background image
96
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 15-21. DAC Mixer Control Register - DAC_CSFC (09h)
Reset Value = 00000000b
Table 15-22. Dac Miscellaneous Register - DAC_ MISC (0Ah)
Reset Value = 00000010b
7
6
5
4
3
2
1
0
-
-
-
OVRSEL
-
-
-
-
Bit
Number
Bit Mnemonic
Description
7:5
-
Not used
4
OVRSEL
Master clock selector
Clear for 256 x Fs.
Set for 384 x Fs.
3:0
-
Not Used
7
6
5
4
3
2
1
0
-
-
DINTSEL1
DINTSEL0
DITHEN
DEEMPEN
NBITS1
NBITS0
Bit
Number
Bit Mnemonic
Description
7
-
Not used
6
-
Not used
5:4
DINTSEL1:0
I2S data format selector
3
DITHEN
Dither enable (Clear this bit to disable, set to enable)
2
DEEMPEN
De-emphasis enable (clear this bit to disable, set to enable)
1:0
NBITS 1:0
Data interface word length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com