Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 24Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 25Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 26Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 27Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 28Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 29Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 242 page
background image
26
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Figure 7-3 shows the structure of the external address bus. P0 carries address A7:0 while P2
carries address A15:8. Data D7:0 is multiplexed with A7:0 on P0. Table 7-3 describes the exter-
nal memory interface signals.
Figure 7-3.
External Data Memory Interface Structure
Table 7-3.
External Data Memory Interface Signals
7.2.2
Page Access Mode
The AT8xC51SND2C implement a feature called Page Access that disables the output of DPH
on P2 when executing MOVX @DPTR instruction. Page Access is enable by setting the DPH-
DIS bit in AUXR register.
Page Access is useful when application uses both ERAM and 256 Bytes of XRAM. In this case,
software modifies intensively EXTRAM bit to select access to ERAM or XRAM and must save it
if used in interrupt service routine. Page Access allows external access above 00FFh address
without generating DPH on P2. Thus ERAM is accessed using MOVX @Ri or MOVX @DPTR
with DPTR < 0100h, < 0200h, < 0400h or < 0800h depending on the XRS1:0 bits value. Then
XRAM is accessed using MOVX @DPTR with DPTR ≥ 0800h regardless of XRS1:0 bits value
while keeping P2 for general I/O usage.
7.2.3
External Bus Cycles
This section describes the bus cycles the AT8xC51SND2C executes to read (see Figure 7-4),
and write data (see Figure 7-5) in the external data memory.
External memory cycle takes 6 CPU clock periods. This is equivalent to 12 oscillator clock period
Signal
Name
Type
Description
Alternate
Function
A15:8
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals indicates that valid address information are available on lines AD7:0.
-
RD
O
Read
Read signal output to external data memory.
P3.7
WR
O
Write
Write signal output to external memory.
P3.6
RAM
PERIPHERAL
AT8xC51SND2C
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
WR
OE
RD
WR
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com