Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 44Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 45Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 46Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 47Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 48Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 49Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 51Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 242 page
background image
48
4341H–MP3–10/07
AT8xC51SND2C/MP3B
To determine the capacitor value to implement, the highest value of these 2 parameters has to
be chosen. Table 10-2 gives some capacitor values examples for a minimum RRST of 50 KΩ and
different oscillator startup and VDD rise times.
Table 10-2.
Minimum Reset Capacitor Value for a 50 kΩ Pull-down Resistor(1)
Note:
1. These values assume VDD starts from 0V to the nominal value. If the time between 2 on/off
sequences is too fast, the power-supply de-coupling capacitors may not be fully discharged,
leading to a bad reset sequence.
10.1.2
Warm Reset
To achieve a valid reset, the reset signal must be maintained for at least 2 machine cycles (24
oscillator clock periods) while the oscillator is running. The number of clock periods is mode
independent (X2 or X1).
10.1.3
Watchdog Reset
As detailed in section “Watchdog Timer”, page 60, the WDT generates a 96-clock period pulse
on the RST pin. In order to properly propagate this pulse to the rest of the application in case of
external capacitor or power-supply supervisor circuit, a 1 kΩ resistor must be added as shown in
Figure 10-2.
Figure 10-2. Reset Circuitry for WDT Reset-out Usage
10.2
Reset Recommendation to Prevent Flash Corruption
An example of bad initialization situation may occur in an instance where the bit ENBOOT in
AUXR1 register is initialized from the hardware bit BLJB upon reset. Since this bit allows map-
ping of the bootloader in the code area, a reset failure can be critical.
If one wants the ENBOOT cleared in order to unmap the boot from the code area (yet due to a
bad reset) the bit ENBOOT in SFRs may be set. If the value of Program Counter is accidently in
the range of the boot memory addresses then a Flash access (write or erase) may corrupt the
Flash on-chip memory.
It is recommended to use an external reset circuitry featuring power supply monitoring to prevent
system malfunction during periods of insufficient power supply voltage (power supply failure,
power supply switched off).
Oscillator
Start-Up Time
VDD Rise Time
1 ms
10 ms
100 ms
5 ms
820 nF
1.2 µF
12 µF
20 ms
2.7 µF
3.9 µF
12 µF
RST
VSS
To CPU Core
and Peripherals
VDD
+
P
VDD
From WDT
Reset Source
VSS
VDD
RST
1K
To Other
On-board
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com