Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 88Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 89Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 90Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 91Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 242 page
background image
92
4341H–MP3–10/07
AT8xC51SND2C/MP3B
15.1.10
Register
Table 15-11. AUXCON Register
AUXCON (S:90h) – Auxiliary Control Register
Reset Value = 1111 1111b
Table 15-12. Dac Control Register Register - DAC_CTRL (00h)
7
6
5
4
3
2
1
0
SDA
SCL
-
AUDCDOUT
AUDCDIN
AUDCCLK
AUDCCS
KIN0
Bit
Number
Bit Mnemonic
Description
7
SDA
TWI Serial Data
SDA is the bidirectional Two Wire data line.
6
SCL
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to the slave
peripherals. When TWI controller is in slave mode, SCL receives clock from the master
controller.
5
-
Not used.
4
AUDCDOUT
Audio Dac SPI Data Output.
3
AUDCDIN
Audio Dac SPI Data Input
2
AUDCCLK
Audio Dac SPI clock
1
AUDCCS
Audio Dac Chip select
Set to deselect DAC
Clear to select DAC
0
KIN0
Keyboard Input Interrupt.
7
6
5
4
3
2
1
0
ONPADRV
ONAUXIN
ONDACR
ONDACL
ONLNOR
ONLNOL
ONLNIR
ONLNIL
Bit
Number
Bit
Mnemonic
Description
7
ONPADRV
Differential mono PA driver
Clear to power down. Set to power up.
6
ONAUXIN
Differential mono auxiliary input amplifier
Clear to power down. Set to power up.
5
ONDACR
Right channel DAC
Clear to power down. Set to power up.
4
ONDACL
Left channel DAC
Clear to power down. Set to power up.
3
ONLNOR
Right channel line out driver
Clear to power down. Set to power up.
2
ONLNOL
Left channel line out driver
Clear to power down. Set to power up.
1
ONLNIR
Right channel line in amplifier
Clear to power down. Set to power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com