Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 28Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 29Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 30Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 31Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 32Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 33Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 34Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 35Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 242 page
background image
32
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Note:
1. FCON register is only available in AT89C51SND2C product.
IPL1
B2h Interrupt Priority Control Low 1
-
IPLUSB
-
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC
Table 8-4.
Interrupt SFRs (Continued)
Mnemonic Add Name
7
6
5
4
3
2
1
0
Table 8-5.
Port SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
P0
80h 8-bit Port 0
P2
A0h 8-bit Port 2
P3
B0h 8-bit Port 3
P4
C0h 4-bit Port 4
-
-
-
-
Table 8-6.
Auxiliary SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
AUXCON
90h Auxiliary Control
SDA
SCL
-
AUDCDOU
T
AUDCDIN
AUDCCL
K
AUDCCS
KIN0
Table 8-7.
Flash Memory SFR
Mnemonic Add Name
7
6
5
4
3
2
1
0
FCON(1)
D1h Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Table 8-8.
Timer SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
TCON
88h Timer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h Timer/Counter 0 and 1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah Timer/Counter 0 Low Byte
TH0
8Ch Timer/Counter 0 High Byte
TL1
8Bh Timer/Counter 1 Low Byte
TH1
8Dh Timer/Counter 1 High Byte
WDTRST
A6h Watchdog Timer Reset
WDTPRG
A7h Watchdog Timer Program
-
-
-
-
-
WTO2
WTO1
WTO0
Table 8-9.
MP3 Decoder SFRs
Mnemonic Add Name
7
6
5
4
3
2
1
0
MP3CON
AAh MP3 Control
MPEN
MPBBST
CRCEN
MSKANC
MSKREQ
MSKLAY
MSKSYN
MSKCRC
MP3STA
C8h MP3 Status
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
MP3STA1
AFh MP3 Status 1
-
-
-
MPFREQ
MPBREQ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com