Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 19Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 20Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 21Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 24Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 25Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 26Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 242 page
background image
23
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Reset Value = XXUU UXXX, UUUU UUUU after an hardware full chip erase.
Note:
1. X2B initializes the X2 bit in CKCON during the reset phase.
2. In order to ensure boot loader activation at first power-up, AT89C51SND2C products are deliv-
ered with BLJB programmed.
3. Bits 0 to 3 (LSN) can only be programmed by hardware mode.
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
Table 6-4.
SBV Byte – Software Boot Vector
7
6
5
4
3
2
1
0
ADD15
ADD14
ADD13
ADD12
ADD11
ADD10
ADD9
ADD8
Bit Number
Bit
Mnemonic
Description
7 - 0
ADD15:8
MSB of the user’s boot loader 16-bit address location
Refer to the boot loader datasheet for usage information (boot loader dependent)
Table 6-5.
SSB Byte – Software Security Byte
7
6
5
4
3
2
1
0
SSB7
SSB6
SSB5
SSB4
SSB3
SSB2
SSB1
SSB0
Bit Number
Bit
Mnemonic
Description
7 - 0
SSB7:0
Software Security Byte Data
Refer to the boot loader datasheet for usage information (boot loader dependent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com