Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 48Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 49Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 51Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 52Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 53Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 54Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 55Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 242 page
background image
52
4341H–MP3–10/07
AT8xC51SND2C/MP3B
11. Timers/Counters
The AT8xC51SND2C implement 2 general-purpose, 16-bit Timers/Counters. They are identified
as Timer 0 and Timer 1, and can be independently configured to operate in a variety of modes
as a Timer or as an event Counter. When operating as a Timer, the Timer/Counter runs for a
programmed length of time, then issues an interrupt request. When operating as a Counter, the
Timer/Counter counts negative transitions on an external pin. After a preset number of counts,
the Counter issues an interrupt request.
The various operating modes of each Timer/Counter are described in the following sections.
11.1
Timer/Counter Operations
For instance, a basic operation is Timer registers THx and TLx (x = 0, 1) connected in cascade
to form a 16-bit Timer. Setting the run control bit (TRx) in TCON register (see Table 11-1) turns
the Timer on by allowing the selected input to increment TLx. When TLx overflows it increments
THx; when THx overflows it sets the Timer overflow flag (TFx) in TCON register. Setting the TRx
does not clear the THx and TLx Timer registers. Timer registers can be accessed to obtain the
current count or to enter preset values. They can be read at any time but TRx bit must be
cleared to preset their values, otherwise, the behavior of the Timer/Counter is unpredictable.
The C/Tx# control bit selects Timer operation or Counter operation by selecting the divided-
down peripheral clock or external pin Tx as the source for the counted signal. TRx bit must be
cleared when changing the mode of operation, otherwise the behavior of the Timer/Counter is
unpredictable.
For Timer operation (C/Tx# = 0), the Timer register counts the divided-down peripheral clock.
The Timer register is incremented once every peripheral cycle (6 peripheral clock periods). The
Timer clock rate is FPER/6, i.e., FOSC/12 in standard mode or FOSC/6 in X2 mode.
For Counter operation (C/Tx# = 1), the Timer register counts the negative transitions on the Tx
external input pin. The external input is sampled every peripheral cycles. When the sample is
high in one cycle and low in the next one, the Counter is incremented. Since it takes 2 cycles (12
peripheral clock periods) to recognize a negative transition, the maximum count rate is FPER/12,
i.e., FOSC/24 in standard mode or FOSC/12 in X2 mode. There are no restrictions on the duty
cycle of the external input signal, but to ensure that a given level is sampled at least once before
it changes, it should be held for at least one full peripheral cycle.
11.2
Timer Clock Controller
As shown in Figure 11-1, the Timer 0 (FT0) and Timer 1 (FT1) clocks are derived from either the
peripheral clock (FPER) or the oscillator clock (FOSC) depending on the T0X2 and T1X2 bits in
CKCON register. These clocks are issued from the Clock Controller block as detailed in
Section “Clock Controller”, page 13. When T0X2 or T1X2 bit is set, the Timer 0 or Timer 1 clock
frequency is fixed and equal to the oscillator clock frequency divided by 2. When cleared, the
Timer clock frequency is equal to the oscillator clock frequency divided by 2 in standard mode or
to the oscillator clock frequency in X2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com