Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 82Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 83Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 84Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 85Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 86Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 242 page
background image
83
4341H–MP3–10/07
AT8xC51SND2C/MP3B
15.1.2
Digital Signals Timing
15.1.2.1
Data Interface
To avoid noises at the output, the reset state is maintained until proper synchronism is achieved
in the DAC serial interface:
•
DSEL
•
SCLK
•
DCLK
•
DOUT
The data interface allows three different data transfer modes:
Figure 15-3. 20 bit I2S justified mode
Figure 15-4. 20 bit MSB justified mode
Figure 15-5. 20 bit LSB justified mode
The selection between modes is done using the DINTSEL 1:0 in DAC_MISC register (Table 15-
22.) according with the following table:
The data interface always works in slave mode. This means that the DSEL and the DCLK sig-
nals are provided by microcontroller audio data interface.
R1
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
SCLK
DSEL
DOUT
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
L(N-1)
SCLK
DSEL
DOUT
R0
L(N-1)
L(N-2)
...
L1
L0
R(N-1)
R(N-2)
...
R1
R0
L(N-1)
SCLK
DSEL
DOUT
DINTSEL 1:0
Format
00
I2S Justified
01
MSB Justified
1x
LSB Justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com