Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 105Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 106Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 107Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 108Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 109Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 110Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 242 page
background image
109
4341H–MP3–10/07
AT8xC51SND2C/MP3B
16.5
Read/Write Data FIFO
16.5.1
Read Data FIFO
The read access for each OUT endpoint is performed using the UEPDATX register.
After a new valid packet has been received on an Endpoint, the data are stored into the FIFO
and the Byte counter of the endpoint is updated (UBYCTX registers). The firmware has to store
the endpoint Byte counter before any access to the endpoint FIFO. The Byte counter is not
updated when reading the FIFO.
To read data from an endpoint, select the correct endpoint number in UEPNUM and read the
UEPDATX register. This action automatically decreases the corresponding address vector, and
the next data is then available in the UEPDATX register.
16.5.2
Write Data FIFO
The write access for each IN endpoint is performed using the UEPDATX register.
To write a Byte into an IN endpoint FIFO, select the correct endpoint number in UEPNUM and
write into the UEPDATX register. The corresponding address vector is automatically increased,
and another write can be carried out.
Warning 1: The Byte counter is not updated.
Warning 2: Do not write more Bytes than supported by the corresponding endpoint.
16.5.3
FIFO Mapping
Figure 16-8. Endpoint FIFO Configuration
UEPNUM
Endpoint 0
Endpoint 2
UEPSTA0
UEPCON0
UEPDAT0
UEPSTA2
UEPCON2
UEPDAT2
0
1
2
SFR Registers
UEPSTAX
UEPCONX
UEPDATX
X
UBYCT0
UBYCT2
UBYCTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com