Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 54 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 50Page - STMicroelectronics PM0044 Datasheet HTML 51Page - STMicroelectronics PM0044 Datasheet HTML 52Page - STMicroelectronics PM0044 Datasheet HTML 53Page - STMicroelectronics PM0044 Datasheet HTML 54Page - STMicroelectronics PM0044 Datasheet HTML 55Page - STMicroelectronics PM0044 Datasheet HTML 56Page - STMicroelectronics PM0044 Datasheet HTML 57Page - STMicroelectronics PM0044 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 162 page
background image
STM8 addressing modes
PM0044
54/162
Doc ID 13590 Rev 3
Figure 20.
Long Pointer Indirect Extended Indexed addressing mode example
Steps to Determine
Effective Address
PC = 1692
PC = PC + 2 = 1694
EA = (((PC) : (PC+1)) :
Before completion
Instruction Complete
A = (EA) = 40
New PC = PC + 2 = 1696
After completion
18
00
72
A7
89
10
20
30
40
PC
1692
X
03
A
Previous value
Adder
EA
180003
ptr .word table
18
00
72
A7
10
10
20
30
40
ptr .word table
X
03
New PC
1696
A
40
180000
03
table .byte 0x10,0x20,0x30,
table .byte 0x10,0x20,0x30,
108A
108B
1692
1693
1694
180000
180001
180002
180003
1089
108A
1692
1693
1694
180000
180001
180002
180003
1695
LDF A,([longptr.w],X)
VR02059I
1695
10
89
1696
EA = 180003
((PC) : (PC+1) +1) :
00
1089
00
108B
((PC) : (PC+1) +2)) + X
LDF A,([longptr.w],X)
0x
40
0x
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com