Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics PM0044 Datasheet HTML 27Page - STMicroelectronics PM0044 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 162 page
background image
Pipelined execution
PM0044
24/162
Doc ID 13590 Rev 3
5.4.1
Optimized pipeline example – execution from Flash Program memory
In the example shown in Table 6, the code is stored in the Flash Program memory (32-bit
bus). As a result, 3 cycles are needed to fill the 96-bit prefetch buffer. At each cycle, one
word is loaded and stored in F1, F2 and F3. The next fetch operation can start only when all
the instructions contained in one of the Fx word are decoded. In fact, at cycle 9, the last
instruction contained in F3 (SWAP A) is decoded, and a fetch operation can start to fill F3
word.
Table 4.
Example with conventional number of cycles
Address
Instruction
Decode
cycles
Execute
cycles
lgth
Time (cycle)
1
234567
8
9
10
11 12 13 14
0xC000
LDW X, [$50.w]
4
3
3
F1
D
E
E
E
E
0xC003
ADDW X, #20
3
3
3
F2
D
D
D
D
E
E
E
0xC006
LD A, [$30].w
3
3
3
F3
D
D
D
D
E
E
E
0xC009
….
Table 5.
Legend
Symbol/Color
Definition
FFetch
D
Decode stalled
DDecode
EExecute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com