Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics PM0044 Datasheet HTML 27Page - STMicroelectronics PM0044 Datasheet HTML 28Page - STMicroelectronics PM0044 Datasheet HTML 29Page - STMicroelectronics PM0044 Datasheet HTML 30Page - STMicroelectronics PM0044 Datasheet HTML 31Page - STMicroelectronics PM0044 Datasheet HTML 32Page - STMicroelectronics PM0044 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 162 page
background image
PM0044
Pipelined execution
Doc ID 13590 Rev 3
29/162
5.4.5
Pipeline with 1 wait state
In the example given in Table 14, performing the fetch takes 2 cycles, and there is no
overlap between the 2 fetch cycles.
If the instruction is decoded/executed during the last 2 fetch cycles, then the wait state is
transparent compared to the no-wait state execution.
Table 14.
Pipeline with 1 wait state
Address
Instruction
Decode
cycles
Execute
cycles
lgth
Time (cycle)
12
34
5
6
7
8
9
10
0xC000
NEG A
1
1
1
MS
F1
D
E
0xC001
DEC ($10, X)
1
1
3
D
E
0xC004
LDW X, #20
1
1
3
MS
F2
D
E
E
0xC007
LD (X), A
1
1
1
D
D
E
0xC008
INC A
1
1
1
MS
F3
D
E
0xC009
NEG ($5A, Y)
1
1
1
D
E
Table 15.
Legend
Symbol/Color
Definition
FFetch
D
Decode stalled
DDecode
MS
Memory stalled
EExecute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com