Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 58Page - STMicroelectronics PM0044 Datasheet HTML 59Page - STMicroelectronics PM0044 Datasheet HTML 60Page - STMicroelectronics PM0044 Datasheet HTML 61Page - STMicroelectronics PM0044 Datasheet HTML 62Page - STMicroelectronics PM0044 Datasheet HTML 63Page - STMicroelectronics PM0044 Datasheet HTML 64Page - STMicroelectronics PM0044 Datasheet HTML 65Page - STMicroelectronics PM0044 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 162 page
background image
STM8 instruction set
PM0044
62/162
Doc ID 13590 Rev 3
Using a pre-code (two-byte op-codes)
In order to extend the number of available op-codes for an 8-bit CPU (256 op-codes), four
different pre-code bytes are defined. These pre-codes modify the meaning of the instruction
they precede.
The whole instruction becomes:
These pre-bytes are:
PC-1
End of previous instruction
PC
Pre-code
PC+1
Op-code
PC+2
Additional word (0 to 3) according to the number of bytes required to compute the
effective address
0x90 = PDY
Replaces an X based instruction using immediate, direct, indexed or
inherent addressing mode by a Y one.
It also provides read/modify/write instructions using Y indexed
addressing mode with long offset and two bit handling instructions
(BCPL and BCCM)
0x92 = PIX
Replaces an instruction using direct, direct bit, or direct relative
addressing mode to an instruction using the corresponding indirect
addressing mode.
It also changes an instruction using X indexed addressing mode to
an instruction using indirect X indexed addressing mode.
0x91 = PIY
Replace an instruction using indirect X indexed addressing mode by
a Y one.
0x72 = PWSP
Provide long addressing mode for bit handling and read/modify/write
instructions.
It also provides indirect addressing mode with two byte pointer for
read/modify/write and register/memory instructions.
Finally it provides stack pointer indexed addressing mode on
register/memory instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com