Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 5Page - STMicroelectronics PM0044 Datasheet HTML 6Page - STMicroelectronics PM0044 Datasheet HTML 7Page - STMicroelectronics PM0044 Datasheet HTML 8Page - STMicroelectronics PM0044 Datasheet HTML 9Page - STMicroelectronics PM0044 Datasheet HTML 10Page - STMicroelectronics PM0044 Datasheet HTML 11Page - STMicroelectronics PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 162 page
background image
PM0044
STM8 architecture
Doc ID 13590 Rev 3
9/162
1
STM8 architecture
The 8-bit STM8 Core is designed for high code efficiency. It contains 6 internal registers, 20
addressing modes and 80 instructions. The 6 internal registers include two 16-bit Index
registers, an 8-bit Accumulator, a 24-bit Program Counter, a 16-bit Stack Pointer and an 8-
bit Condition Code register. The two Index registers X and Y enable Indexed Addressing
modes with or without offset, along with read-modify-write type data manipulation. These
registers simplify branching routines and data/arrays modifications.
The 24-bit Program Counter is able to address up to 16-Mbyte of RAM, ROM or Flash
memory. The 16-bit Stack Pointer provides access to a 64K-level Stack. The Core also
includes a Condition Code register providing 7 Condition flags that indicate the result of the
last instruction executed.
The 20 Addressing modes, including Indirect Relative and Indexed addressing, allow
sophisticated branching routines or CASE-type functions. The Indexed Indirect Addressing
mode, for instance, permits look-up tables to be located anywhere in the address space,
thus enabling very flexible programming and compact C-based code. The stack pointer
relative addressing mode permits optimized C compiler stack model for local variables and
parameter passing.
The Instruction Set is 8-bit oriented with a 2-byte average instruction size. This Instruction
Set offers, in addition to standard data movement and logic/arithmetic functions, 8-bit by 8-
bit multiplication, 16-bit by 8-bit and 16-bit by 16-bit division, bit manipulation, data transfer
between Stack and Accumulator (Push / Pop) with direct stack access, as well as data
transfer using the X and Y registers or direct memory-to-memory transfers.
The number of Interrupt vectors can vary up to 32, and the interrupt priority level may be
managed by software providing hardware controlled nested capability. Some peripherals
include Direct Memory Access (DMA) between serial interfaces and memory. Support for
slow memories allows easy external code execution through serial or parallel interface
(ROMLESS products for instance).
The STM8 has a high energy-efficient architecture, based on a Harvard architecture and
pipelined execution. A 32-bit wide program memory bus allows most of the instructions to be
fetched in 1 CPU cycle. Moreover, as the average instruction length is 2 bytes, this allows for
a reduction in the power consumption by only accessing the program memory half of the
time, on average. The pipelined execution allowed the execution time to be minimized,
ensuring high system performance, when needed, together with the possibility to reduce the
overall energy consumption, by using different power saving operating modes. Power-saving
can be managed under program control by placing the device in SLOW, WAIT, SLOW-WAIT,
ACTIVE-HALT or HALT mode (see product datasheet for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com