Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 32Page - STMicroelectronics PM0044 Datasheet HTML 33Page - STMicroelectronics PM0044 Datasheet HTML 34Page - STMicroelectronics PM0044 Datasheet HTML 35Page - STMicroelectronics PM0044 Datasheet HTML 36Page - STMicroelectronics PM0044 Datasheet HTML 37Page - STMicroelectronics PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 162 page
background image
STM8 addressing modes
PM0044
36/162
Doc ID 13590 Rev 3
6.3.1
Short Direct addressing mode
The address is a byte, thus require only one byte after the op-code, but only allow 00..FF
addressing space.
Example:
004B
20
coeff
dc.b
$20
052D
B64B
LD
A,coeff
Action:
A = (coeff) = ($4B) = $20
Figure 8.
Short Direct addressing mode example
Steps to Determine
Effective Address
PC = 052D
PC = PC + 1 = 052E
EA
Before Completion
Instruction Complete
A = (EA) = 20
New PC =
052F
After Completion
= (PC)
= (4B + 0000)
= 004B
20
B6
4B
LD A,Coeff
A
004B
EA
052D
PC
Previous Value
A
20
052F
New PC
004B
052D
052E
052F
Coeff .byte 20h
VR02059L
20
B6
4B
004B
052D
052E
052F
Coeff .byte 20h
LD A,Coeff
PC +1 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com