Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 9Page - STMicroelectronics PM0044 Datasheet HTML 10Page - STMicroelectronics PM0044 Datasheet HTML 11Page - STMicroelectronics PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics PM0044 Datasheet HTML 15Page - STMicroelectronics PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 162 page
background image
PM0044
STM8 core description
Doc ID 13590 Rev 3
13/162
3
STM8 core description
3.1
Introduction
The CPU has a full 8-bit architecture, with 16-bit operations on index registers (for address
computation). Six internal registers allow efficient 8-bit data manipulation. The CPU is able
to execute 80 basic instructions. It features 20 addressing modes and can address 6 internal
registers and 16 Mbytes of memory/peripheral registers.
3.2
CPU registers
The 6 CPU registers are shown in the programming model in Figure 1. Following an
interrupt, the register context is saved. The context is saved by pushing registers onto the
stack in the order shown in Figure 2. They are popped from the stack in the reverse order.
Accumulator (A)
The accumulator is an 8-bit general purpose register used to hold operands and the results
of the arithmetic and logic calculations as well as data manipulations.
Index registers (X and Y)
These 16-bit registers are used to create effective addresses or as temporary storage area
for data manipulations. In most of the cases, the cross assembler generates a PRECODE
instruction (PRE) to indicate that the following instruction refers to the Y register. Both X and
Y are automatically saved on interrupt routine branch.
Program Counter (PC)
The program counter is a 24-bit register used to store the address of the next instruction to
be executed by the CPU. It is automatically refreshed after each processed instruction. As a
result, the STM8 core can access up to 16-Mbytes of memory.
Figure 1.
Programming model
0
7
A ACCUMULATOR
0
15
SP STACK POINTER
X INDEX
Y INDEX
0
7
8
15
PC PROGRAM COUNTER
PCH
PCL
0
7
CC CODE CONDITION
V
- I1 H I0 N Z C
16
23
PCE
0
7
8
15
XH
XL
0
7
8
15
YH
YL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com