Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 33Page - STMicroelectronics PM0044 Datasheet HTML 34Page - STMicroelectronics PM0044 Datasheet HTML 35Page - STMicroelectronics PM0044 Datasheet HTML 36Page - STMicroelectronics PM0044 Datasheet HTML 37Page - STMicroelectronics PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics PM0044 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
37/162
6.3.2
Long Direct addressing mode
The address is a word, thus allowing 0000 to FFFF addressing space, but requires 2 bytes
after the op-code.
Example:
0409
C606E5
LD
A,coeff
06E5
40
coeff
dc.b
$ 40
Action:
A = (coeff) = ($06E5) = $40
Figure 9.
Long Direct addressing mode example
Previous Value
0409
A
PC
E5
Steps to Determine
Effective Address
PC = 0409
PC = PC + 1 = 040A
EA = (PC) : (PC+1) = 06E5
PC + 2 =
Before Completion
40
040C
A
New PC
Instruction Complete
A = (EA) = 40
New PC =
040C
After Completion
C6
06E5
EA
06
40
06E5
E5
C6
06
40
040A
040B
040C
040A
040B
040C
0409
0409
06E5
06E5
VR02059B
LD A,Coeff
LD A,Coeff
Coeff .byte 040h
Coeff .byte 040h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com