Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 42Page - STMicroelectronics PM0044 Datasheet HTML 43Page - STMicroelectronics PM0044 Datasheet HTML 44Page - STMicroelectronics PM0044 Datasheet HTML 45Page - STMicroelectronics PM0044 Datasheet HTML 46Page - STMicroelectronics PM0044 Datasheet HTML 47Page - STMicroelectronics PM0044 Datasheet HTML 48Page - STMicroelectronics PM0044 Datasheet HTML 49Page - STMicroelectronics PM0044 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 162 page
background image
STM8 addressing modes
PM0044
46/162
Doc ID 13590 Rev 3
6.6
Short Pointer Indirect Long addressing mode
The pointer address is a byte, the pointer size is a word, thus allowing up to 128 KB
addressing space, and requires 1 byte after the op-code.
Example:
Figure 16.
Short Pointer Indirect Long addressing mode example
0040
42E5
ptr
dc.w
var
0409
92C640
LD
A,[shortptr.w]
42E5
11
var
dc.b
$11
Action:
A = [shortptr.w] = ((shortptr.w)) = (($40.w)) = ($42E5) =
$11
Steps to determine
Effective Address
PC = 0409
PC = PC + 2 = 40B
EA
Before Completion
Instruction Complete
New PC = PC +1 = 040C
After Completion
= ((PC)) :((PC)+1)
= 42E5
A
PC
Previous Value
92
42
E5
C6
40
ptr .word var
0409
040A
040B
040C
0409
EA
42E5
42E5
11
92
42
E5
C6
40
ptr .word var
0409
040A
040B
040C
42E5
11
A
040C
New PC
0040
0041
0040
0041
A = (EA) = 0x11
var.byte 0x011
var .byte 0x011
0x11
LD A, [shortptr.w]
LD A, [shortptr.w]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com