Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 37Page - STMicroelectronics PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics PM0044 Datasheet HTML 41Page - STMicroelectronics PM0044 Datasheet HTML 42Page - STMicroelectronics PM0044 Datasheet HTML 43Page - STMicroelectronics PM0044 Datasheet HTML 44Page - STMicroelectronics PM0044 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
41/162
6.4.2
Short Indexed addressing mode
The offset is a byte, thus requires only one byte after the op-code, but only allows 00..1FE
addressing space.
Example:
Figure 12.
Short Indexed - 8-bit offset - addressing mode example
0089
11223344
table
dc.l
$11223344
0759
AE03
LD
X,#3
075B
E689
LD
A,(table,X)
Action:
X = 3
A = (table, X) = ($89, X) = ($89, 3) = ($8C) = $44
Previous Value
03
A
X
Steps to determine
Effective Address
PC = 075B
PC = PC + 1 = 075C
EA = (PC) + X = 89 + 03 = 008C
Before completion
Instruction Complete
A = (EA) = 44
New PC = PC + 1 = 075D
After Completion
008C
075B
PC
A
44
X
03
New PC
075D
11
22
33
44
E6
89
E6
89
Adder
EA
075B
075B
0089
008A
008B
008C
075C
075D
0089
008A
008B
008C
075C
075D
LD A, (table,X)
LD A, (table,X)
VR02059D
Table .long 11223344
Table .long 11223344
11
22
33
44
89
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com