Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 47 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 43Page - STMicroelectronics PM0044 Datasheet HTML 44Page - STMicroelectronics PM0044 Datasheet HTML 45Page - STMicroelectronics PM0044 Datasheet HTML 46Page - STMicroelectronics PM0044 Datasheet HTML 47Page - STMicroelectronics PM0044 Datasheet HTML 48Page - STMicroelectronics PM0044 Datasheet HTML 49Page - STMicroelectronics PM0044 Datasheet HTML 50Page - STMicroelectronics PM0044 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
47/162
6.7
Long Pointer Indirect Long addressing mode
The pointer address is a word, the pointer size is a word, thus allowing 64 KB addressing
space, and requires 2 bytes after the op-code.
Example:
1040
42E5
ptr
dc.w
var
1409
72C61040
LD
A,[longptr.w]
42E5
11
var
dc.b
$11
Action:
A = [longptr.w] = ((longptr.w)) = (($1040.w)) = ($42E5) = $11
Figure 17.
Long Pointer Indirect Long addressing mode example
Steps to determine
Effective Address
PC = 1409
PC = PC + 2 = 140B
EA
Before Completion
Instruction complete
New PC = PC + 2 = 140D
After Completion
=((PC):(PC+1)):
A
PC
Previous Value
72
42
E5
C6
10
ptr .word var
1409
140A
140B
140C
1409
EA
42E5
42E5
11
72
42
E5
C6
10
ptr .word var
1409
140A
140B
140C
42E5
11
A
040D
New PC
1040
1041
1040
1041
A = (EA) = 0x11
var.byte 0x011
var .byte 0x11
0x11
LD A, [longptr.w]
LD A, [longptr.w]
VR02059G
40
140D
40
140D
((PC):(PC+1)+1)
= 42E5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com