Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics PM0044 Datasheet HTML 27Page - STMicroelectronics PM0044 Datasheet HTML 28Page - STMicroelectronics PM0044 Datasheet HTML 29Page - STMicroelectronics PM0044 Datasheet HTML 30Page - STMicroelectronics PM0044 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 162 page
background image
PM0044
Pipelined execution
Doc ID 13590 Rev 3
27/162
5.4.3
Pipeline with Call/Jump
In the example shown in Table 10, a branch is taken after the JP/CALL instruction, and the
fetched instruction(s) are lost (flush). New instructions must be fetched. 3 fetch sequences
are required to refill the pre-fetch buffer. The fetch start depends on the instruction being
executed.
For a JP instruction, the fetch can start during the first cycle of the "dummy" execution.
For the CALL instruction, it starts after the last cycle of the CALL execution.
5.4.4
Pipeline stalled
The decode stage can be stalled when the execution lasts more than one cycle.
The flush is due to the branch. Fetching the branch address is performed during the second
execution cycle of the BTJF instruction.
The Decode operation can also be stalled when the memory target is modified during the
previous instruction. In the example given in Table 12, the INCW Y instruction writes the X
Table 10.
Example of pipeline with Call/Jump
Add.
Instruction
Decode
cycles
Execute
cycles
lgth
Cycle
1
23456
7
8
9
10
11
0xC000
INC A
1
1
1
F1
D
E
0xC001
JP label
1
1
3
D
E
0xC004
LDW X,[$5432.w]
X
X
4
F2
0xD010
label: NEG A
1
1
1
F1
D
E
0xD011
CALL label2
1
2
3
D
E
E
0xD014
LDW X,[$5432.w]
X
X
4
F2
0xD018
LDW X,[$7895.w]
X
X
4
F3 FS
0xE030
label2: INCW X
1
1
1
F1
D
E
Table 11.
Legend
Symbol/Color
Definition
FFetch
FS
Fetch stalled
DDecode
EExecute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com