Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics PM0044 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 162 page
background image
PM0044
Pipelined execution
Doc ID 13590 Rev 3
23/162
5.3
Pipelined execution examples
A few pipelined execution examples are reported below. The numbers of cycles for the
decoding and execution stages correspond to the minimum number of cycles needed by the
instruction itself. In some cases, depending on the instruction sequence, the cycle taken
could be more than that number.
5.4
Conventions
Although the decode and/or execute stage of some instructions may take a different number
of cycles, a simplified convention providing a good match with reality, has been used in this
section:
The decode stage of each instruction takes one cycle only
The execution stage takes a number of cycles equal to
Where
Cy is the number of execution cycles. In case of decode and execute cycles, It
corresponds to the minimum number of cycles needed by the instruction itself, and
does not take into account the impact of the instruction sequence.
DecCy is the exact number of decode cycles.
ExeCy is the exact number of execute cycles.
The decode stage of the next instruction starts during the last execution cycle. In
instructions performing pipeline flush, the convention is that, in case the branch is taken, the
next fetch are performed during the last instruction execution cycle.
The exact number of cycles (see Table 3) and the number of cycles obtained using this
convention (see Table 4) are identical.
C
y
DecCy
ExeCy
1
+
=
Table 3.
Example with exact number of cycles
Address
Instruction
Decode
cycles
Execute
cycles
lgth
Time (cycle)
1
2
3
4
5
6
7
8
9
10
11 12 13 14
0xC000
LDW X, [$50.w]
4
1
3
F1
D
D
D
D
E
0xC003
ADDW X, #20
2
2
3
F2
D
D
D
D
D
E
E
0xC006
LD A, [$30].w
3
1
3
F3
D
D
D
D
D
D
E
0xC009
….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com