Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 68 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 64Page - STMicroelectronics PM0044 Datasheet HTML 65Page - STMicroelectronics PM0044 Datasheet HTML 66Page - STMicroelectronics PM0044 Datasheet HTML 67Page - STMicroelectronics PM0044 Datasheet HTML 68Page - STMicroelectronics PM0044 Datasheet HTML 69Page - STMicroelectronics PM0044 Datasheet HTML 70Page - STMicroelectronics PM0044 Datasheet HTML 71Page - STMicroelectronics PM0044 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 162 page
background image
STM8 instruction set
PM0044
68/162
Doc ID 13590 Rev 3
JRNE
Jump if Z =0
(not equal)
-
-
-
-
-
-
-
JRNE Label
if CC.Z = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
26 bb
1/2
Flush
(2)
JRNH
Jump if H = 0
-
-
-
-
-
-
-
JRNH Label
if CC.H = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
90 28 bb
1/2
Flush
(2)
JRNM
Jump if
Interrupts are
not masked
-
-
-
-
-
-
-
JRNM Label
if I0 AND I1= 0
then PC
← PC + 2 + rr
else PC
← PC + 2
90 2C bb
1/2
Flush
(2)
JRNV
jump if V = 0
-
-
-
-
-
-
-
JRNV Label
if CC.C =0
then PC
← PC + 2+ rr
else PC
← PC + 2
28 bb
1/2
Flush
(2)
JRPL
Jump if
N = 0 (plus)
-
-
-
-
-
-
-
JRPL Label
if CC.N = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
2A bb
1/2
Flush
(2)
JRSGE
Jump if
(N xor V) = 0
-
-
-
-
-
-
-
JRSGE Label
if (CC.N xor CC.V) = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
2E bb
1/2
Flush
(2)
JRSGT
Jump if
(Z or (N xor V))
= 0
-
-
-
-
-
-
-
JRSGT Label
if (CC.Z or (CC.N xor
CC.V)) = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
2C bb
1/2
Flush
(2)
JRSLE
Jump if
(Z or (N xor V))
= 1
-
-
-
-
-
-
-
JRSLE Label
if (CC.Z or (CC.N xor
CC.V)) = 1
then PC
← PC + 2+ rr
else PC
← PC + 2
2D bb
1/2
Flush
(2)
JRSLT
Jump if
(N xor V) = 1
-
-
-
-
-
-
-
JRSLT Label
if (CC.N xor CC.V) = 1
then PC
← PC + 2+ rr
else PC
← PC + 21
2F bb
1/2
Flush
(2)
JRT
Jump relative
-
-
-
-
-
-
-
JRT Label
PC
← PC + 2+ rr
20 bb
2
Flush
JRUGE
Jump if C = 0
-
-
-
-
-
-
-
JRUGE Label
if CC.C = 0
then PC
← PC + 2+ rr
else PC
← PC + 2
24 bb
1/2
Flush
(2)
JRUGT
Jump if
(C+Z = 0)
-
-
-
-
-
-
-
JRUGT Label
if (CC.C = 0 and CC.Z = 0)
then PC
← PC + 2+ rr
else PC
← PC + 2
22 bb
1/2
Flush
JRULE
Jump if
(C+Z =1)
-
-
-
-
-
-
-
JRULE Label
if (CC.C = 1 and CC.Z = 1)
then PC
← PC + 2+ rr
else PC
← PC + 2
23 bb
1/2
Flush
JRULT
Jump if C = 1
-
-
-
-
-
-
-
JRULT Label
if CC.C = 1
then PC
← PC + 2+ rr
else PC
← PC + 21
25 bb
1/2
Flush
(2)
JRV
Jump if V = 1
-
-
-
-
-
-
-
JRV Label
if CC.V =1
then PC
← PC + 2+ rr
else PC
← PC + 2
29 bb
1/2
Flush
LD
A register load
--
-
-
-
LD A,($12,SP)
A
← M(SP+shortoff)
7B bb
1
A register store
LD ($12,SP),A
M(SP+shortoff)
← A6B bb
1
Register to
register move
-
-
LD A, XH
A
← XH
95
1
Table 42.
Instruction set summary (continued)
Description
Effect on CC register
Syntax example
Operation
Example
op-
code(s)
VI1
H
I0
N
Z
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com