Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 162 page
background image
Pipelined execution
PM0044
22/162
Doc ID 13590 Rev 3
The op-code is decoded in this stage. When present, the instruction address is used for
address computation, whilst the immediate operand is forwarded to the execution stage.
Long/unaligned instructions
For long instructions (i.e. 5-bytes instructions), the fetch may need 2 program memory
accesses to be completed. In this case, the decoding stage (after decoding the op-code
part), is stalled waiting for the fetch stage to complete the 2nd fetch.
In case of shorter instructions, this may also happen when they cross a 32-bit boundary.
Indirect addressing
For indirect addressing, the CPU is stalled in this stage to read the pointer from the data
memory (i.e. RAM). The number of cycles during which the CPU is stalled depends on the
pointer size (short, long or extended addressing mode).
5.1.3
Execution stage
In the execution stage, the operation is executed and the result is stored in the accumulator,
index register or RAM.
5.2
Data memory conflicts
3 types of operations perform accesses to the data memory:
Effective address computation in case of indirect addressing
Data read: source operand
Data write: destination for store or read-modify-write operations
In case of simultaneous accesses to the same memory area both in execution stage (write)
and decoding stage (read), the decode stage is stalled till the execution stage releases the
resource.
Table 2.
Data/address decoding examples
Instruction
Syntax
Op-code
Data/address
Register to register
move
LD A, XH
0x95
-
Register load
LD A,($12,SP)
0x7B
0x12
Register store
LD ($12,SP),A
0x6B
0x12
Data load / store with
extended address
LDF A,($123456,Y)
0x90 AF
0x12 34 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com