Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 66 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 62Page - STMicroelectronics PM0044 Datasheet HTML 63Page - STMicroelectronics PM0044 Datasheet HTML 64Page - STMicroelectronics PM0044 Datasheet HTML 65Page - STMicroelectronics PM0044 Datasheet HTML 66Page - STMicroelectronics PM0044 Datasheet HTML 67Page - STMicroelectronics PM0044 Datasheet HTML 68Page - STMicroelectronics PM0044 Datasheet HTML 69Page - STMicroelectronics PM0044 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 162 page
background image
STM8 instruction set
PM0044
66/162
Doc ID 13590 Rev 3
CPW
Compare word
--
-
CPW X,($12,SP)
test { X - M(SP+shortoff) }
13 bb
2
CPL
Logical 1’s
complement
--
1
CPL ([$1234.w],X)
M(M(longmem).w +X)
←
FF - M(M(longmem).w+X)
or
M(M(longmem).w+X)
XOR FF
72 63 ww bb
4
CPLW
Logical 1’s
complement
--
1CPLW X
X
← FFFF - X
or
X XOR FFFF
53
2
DEC
Decrement byte
by one
--
-
-
DEC ([$1234.w],X)
M(M(longmem).w + X)
←
M(M(longmem).w + X) - 1
72 6A ww bb
4
DECW
Decrement
word by one
--
-
-DECW X
X
← X - 1
5A
1
DIV
16 by 8
Unsigned
division
0-
0
-
0
DIV X,A
X
← X/A (Quotient)
A
← X%A (Remainder)
62
16
DIV Y,A
Y
← Y/A (Quotient)
A
← Y%A (Remainder)
90 62
16
DIVW
16 by 16
Unsigned
division
0-
0
-
0
DIVW X,Y
X
← X/Y (Quotient)
Y
← X%Y (Remainder)
65
16
EXG
Data byte
exchange
-
-
---
-
-
EXG A,$1234
A
↔ M(longmem)
31 ww bb
3
EXG A,XL
A
↔ XL
41
1
EXG A,YL
A
↔ YL
61
1
EXGW
Data word
exchange
-
-
---
-
-
EXGW X,Y
X
↔ Y51
1
HALT
Halt oscillator
(CPU +
Peripherals)
-1
-
0
-
-
-
HALT
CC.I0
← 0 , CC.I1 ← 1
Oscillator stopped till an
interrupt occurs
8E
10
Table 42.
Instruction set summary (continued)
Description
Effect on CC register
Syntax example
Operation
Example
op-
code(s)
VI1
H
I0
N
Z
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com