Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 59 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 55Page - STMicroelectronics PM0044 Datasheet HTML 56Page - STMicroelectronics PM0044 Datasheet HTML 57Page - STMicroelectronics PM0044 Datasheet HTML 58Page - STMicroelectronics PM0044 Datasheet HTML 59Page - STMicroelectronics PM0044 Datasheet HTML 60Page - STMicroelectronics PM0044 Datasheet HTML 61Page - STMicroelectronics PM0044 Datasheet HTML 62Page - STMicroelectronics PM0044 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
59/162
6.14
Bit Direct (Long) Relative addressing mode
This addressing mode is a combination between the Bit Direct addressing mode (for data
addressing) and Relative Direct mode (for PC computation).
The data byte required for the operation is found by its memory address, which follows the
op-code. The bit used for the test operation is selected by the bit selector which is encoded
in the instruction op-code. Following the logical test operation, the PC register value can be
modified, by adding an 8-bit signed offset to it.
The data address is a word, thus allowing 0000 to FFFF addressing space (requires 2 bytes
after the op-code). The bit selector #n (n=0 to 7) selects the nth bit from the byte pointed to
by the address. The offset follows the op-code and data address.
Example:
Table 39.
Overview of Bit Direct (Long) Relative addressing mode
Addressing mode
Syntax
EA formula
Ptr Adr
Ptr Size
Dest adr
Bit
Long
Direct
Relative
longmem, #pos, off
(longmem)
op + 1..2
Word
0000..FFFF
PC = PC + off
op + 3
Byte
PC +127/-
128
Table 40.
Available Bit Direct Relative instructions
Instructions
Functions
BTJT, BTJF
Bit Test and Jump
104B
00
DRA
dc.b
$00
; Port A data
register
(input
value)
bit0
equ
$0 ; data bit 0
04A7
7201104BFB wait_1
BTJF
DRA, bit0, wait_1
04AC
....
cont_0
Action:
Test = select_bit(0, ($4B)) = select_bit(0, DRA)
if (Test /= 1)
then
PC = PC + $FB
= $0004AC - $05 =
$0004A7
else
PC = PC
= $0004AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com