Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 63 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 59Page - STMicroelectronics PM0044 Datasheet HTML 60Page - STMicroelectronics PM0044 Datasheet HTML 61Page - STMicroelectronics PM0044 Datasheet HTML 62Page - STMicroelectronics PM0044 Datasheet HTML 63Page - STMicroelectronics PM0044 Datasheet HTML 64Page - STMicroelectronics PM0044 Datasheet HTML 65Page - STMicroelectronics PM0044 Datasheet HTML 66Page - STMicroelectronics PM0044 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
63/162
7.2
Nomenclature
7.2.1
Operators
←
is loaded with ...
↔
has its value exchanged with ...
7.2.2
CPU registers
A
accumulator
X
X index register (2 bytes)
XL
least significant byte of the X index register (1 byte)
XH
most significant byte of the X index register (1 byte)
Y
Y index register (2 bytes)
YL
least significant byte of the Y index register (1 byte)
YH
most significant byte of the Y index register (1 byte)
PC
program counter register (3 bytes)
PCL
low significant byte of the program counter register (1 byte)
PCH
high significant byte of the program counter register (1 byte)
PCE
extended significant byte of the program counter register (1 byte)
SP
stack pointer register (2 bytes)
CC
Condition code register (1 byte)
CC.V
overflow flag of the code condition register (1 bit)
CC.I0
interrupt mask bit 0 of the code condition register (1 bit)
CC.H
half carry flag of the code condition register (1 bit)
CC.I1
interrupt mask bit 1 of the code condition register (1 bit)
CC.N
negative flag of the code condition register (1 bit)
CC.Z
zero flag of the code condition register (1 bit)
CC.C
carry flag of the code condition register (1 bit)
7.2.3
Code condition bit value notation
-
bit not affected by the instruction
1
bit forced to 1 by the instruction
0
bit forced to 0 by the instruction
X
bit modified by the instruction
7.2.4
Memory and addressing
M(...)
content of a memory location
R
8-bit operation result value
R(...)
8-bit operation result value stored into the register or memory shown inside parentheses
Rn
bit n of the operation result value (0
≤n≤7)
XX.B
bit B of the XX register or memory location
imm.b
byte immediate value
imm.w
16-bit immediate value
shortmem memory location with short addressing mode (1 byte)
longmem
memory location with long addressing mode (2 bytes)
extmem
memory location with extended addressing mode (3 bytes)
shortoff
short offset (1 byte)
longoff
long offset (2 bytes)
extoff
extended offset (3 bytes)
[shortptr.w] short pointer (1 byte) on long memory location (2 bytes). Assembler notation = [$12.w].
[longptr.w] long pointer (2 bytes) on long memory location (2 bytes). Assembler notation = [$1234.w]
[longptr.e] long pointer (2 bytes) on extended memory location (3 bytes). Assembler notation = [$1234.e]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com