Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 11Page - STMicroelectronics PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics PM0044 Datasheet HTML 15Page - STMicroelectronics PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 162 page
background image
PM0044
STM8 core description
Doc ID 13590 Rev 3
15/162
Global configuration register (CFG_GCR)
The global configuration register is a memory mapped register. It controls the configuration
of the processor. It contains the AL control bit:
AL: Activation level
If the AL bit is 0 (main), the IRET will cause the context to be retrieved from stack and the
main program will continue after the WFI instruction.
If the AL bit is 1 (interrupt only active), the IRET will cause the CPU to go back to WFI/HALT
mode without restoring the context.
This bit is used to control the low power modes of the MCU. In a very low power application,
the MCU spends most of the time in WFI/HALT mode and is woken up (through interrupts)
at specific moments in order to execute a specific task. Some of these recurring tasks are
short enough to be treated directly in an ISR, rather than going back to the main program. In
this case, by programming the AL bit to 1 before going to low power (by executing WFI/HALT
instruction), the run time/ISR execution is reduced due to the fact that the register context is
not saved/restored each time.
Condition Code register (CC)
The Condition Code register is a 8-bit register which indicates the result of the instruction
just executed as well as the state of the processor. These bits can be individually tested by a
program and specified action taken as a result of their state. The following paragraphs
describe each bit.
●
V: Overflow
When set, V indicates that an overflow occurred during the last signed arithmetic
operation, on the MSB operation result bit. See INC, INCW, DEC, DECW, NEG, NEGW,
ADD, ADC, SUB, SUBW, SBC, CP, CPW instructions.
●
I1: Interrupt mask level 1
The I1 flag works in conjunction with the I0 flag to define the current interruptability level
as shown in the following table. These flags can be set and cleared by software through
the RIM, SIM, HALT, WFI, IRET, TRAP and POP instructions and are automatically set
by hardware when entering an interrupt service routine.
●
H: Half carry bit
The H bit is set to 1 when a carry occurs between the bits 3 and 4 of the ALU during an
ADD or ADC instruction. The H bit is useful in BCD arithmetic subroutines.
For ADDW, SUBW it is set when a carry occurs from bit 7 to 8, allowing to implement
byte arithmetic on 16-bit index registers.
Table 1.
Interruptability levels
Interruptability
Priority
I1
I0
Interruptable Main
Lowest
↕
Highest
10
Interruptable Level 1
01
Interruptable Level 2
00
Non Interruptable
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com