Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 70 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 66Page - STMicroelectronics PM0044 Datasheet HTML 67Page - STMicroelectronics PM0044 Datasheet HTML 68Page - STMicroelectronics PM0044 Datasheet HTML 69Page - STMicroelectronics PM0044 Datasheet HTML 70Page - STMicroelectronics PM0044 Datasheet HTML 71Page - STMicroelectronics PM0044 Datasheet HTML 72Page - STMicroelectronics PM0044 Datasheet HTML 73Page - STMicroelectronics PM0044 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 162 page
background image
STM8 instruction set
PM0044
70/162
Doc ID 13590 Rev 3
POPW
Pop index
register from
stack
-
-
---
-
-
POPW X
XH
← M(++SP)
XL
← M(++SP)
85
2
PUSH
Push
data byte onto
stack
-
-
---
-
-
PUSH $1234
M(SP--)
← M(longmem)
3B ww bb
1
PUSH #$12
M(SP--)
← imm.b
4B bb
1
PUSHW
Push index
register onto
stack
-
-
---
-
-
PUSHW X
M(SP--)
← XL
M(SP--)
← XH
89
2
RCF
Reset carry flag
-
-
-
-
-
-
0
RCF
CC.C
← 098
1
RET
Subroutine
return
from section 0
-
-
---
-
-
RET
PCH
← M(++SP)
PCL
← M(++SP)
81
4
Flush
RETF
Subroutine
return
from extended
address
-
-
---
-
-
RETF
PCE
← M(++SP)
PCH
← M(++SP)
PCL
← M(++SP)
87
5
Flush
RIM
Reset interrupt
mask/
Interrupt enable
-1
-
0
-
-
-
RIM
CC.I1
← 19A
1
RLC
Rotate left
logical through
carry
--
-
-
RLC ([$1234.w],X)
R0
← CC.C
R1
← bit 0
R2
← bit 1
R3
← bit 2
R4
← bit 3
R5
← bit 4
R6
← bit 5
R7
← bit 6
CC.C
← bit 7
72 69 ww bb
4
RLCW
Rotate word left
logical through
carry
--
-
-
RLCW X
R0
← CC.C
R1
← bit 0
R2
← bit 1
...
R13
← bit 12
R14
← bit 13
R15
← bit 14
CC.C
← bit 15
59
2
RLWA
Rotate word left
through
Accumulator
--
-
-
-RLWA X
A
← XH
XH
← XL
XL
← A
02
1
RRC
Rotate right
logical through
carry
--
-
-
RRC ([$1234.w],X)
R7
← CC.C
R6
← bit 7
R5
← bit 6
R4
← bit 5
R3
← bit 4
R2
← bit 3
R1
← bit 2
R0
← bit 1
CC.C
← bit 0
72 66 ww bb
4
Table 42.
Instruction set summary (continued)
Description
Effect on CC register
Syntax example
Operation
Example
op-
code(s)
VI1
H
I0
N
Z
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com