Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 15Page - STMicroelectronics PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 162 page
background image
PM0044
STM8 memory interface
Doc ID 13590 Rev 3
19/162
4.3
Memory interface architecture
The STM8 uses a Harvard architecture, with separate program and data memory buses.
However, the logical address space is unified, all memories sharing the same 16-Mbytes
space, non-overlapped. The memory interfaces are shown in Figure 4. It consists of two
buses: address, data, read/write control signal (R/W) and memory acknowledge signal
(STALL).
The STALL acknowledge signal makes the CPU compatible with slow serial or parallel
memory interfaces. When the memory interface is slow the CPU waits the memory
acknowledge before executing the instruction. So in such a case, the instruction CPU cycle
time is prolonged compare to the value given in this manual.
The program memory bus is 32-bit wide, allowing the fetch of most of the instructions in one
cycle.
As the address space is unified, the architecture allows data to be stored also in the Flash
memory and program to be fetched also from RAM (data bus). In this later case the
performance is impacted, besides the fact that data and fetch operation share the same bus,
the instructions will be fetched one byte at a time, thus taking longer (1 cycle /byte).
Figure 4.
Memory Interface Architecture
PCE PCH
PCL
PROGRAM COUNTER
Data@E
Data@E0:H:L
0x00
Y
N
"LDF" INSTRUCTION
@DATABUS
RAM FETCH INSTRUCTION
Y
N
CPU
Memory Interface (RAM)
STALL
A15..0
7
24
17
24
D7..0
R/W
Memory Interface (Flash)
STALL
A23..0
D31..0
24
@DATABUS
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com