Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 99 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 95Page - STMicroelectronics PM0044 Datasheet HTML 96Page - STMicroelectronics PM0044 Datasheet HTML 97Page - STMicroelectronics PM0044 Datasheet HTML 98Page - STMicroelectronics PM0044 Datasheet HTML 99Page - STMicroelectronics PM0044 Datasheet HTML 100Page - STMicroelectronics PM0044 Datasheet HTML 101Page - STMicroelectronics PM0044 Datasheet HTML 102Page - STMicroelectronics PM0044 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
99/162
Syntax
DEC dst
Operation
dst <= dst - 1
Description
The destination byte is read, then decremented by one, and the result is
written to the destination byte. The destination is either a memory byte or a
register. This instruction is compact, and does not affect any registers when
used with RAM variables.
Instruction overview
V
(A7.M7 + M7.R7 + R7.A7)
⊕ (A6.M6 + M6.R6 + R6.A6)
Set if the signed operation generates an overflow, cleared otherwise.
N
R7
Set if bit 7 of the result is set (negative value), cleared otherwise.
Z
R7.R6.R5.R4.R3.R2.R1.R0
Set if the result is zero (0x00), cleared otherwise.
Detailed description
See also: DECW, INC
DEC
Decrement
DEC
mnem
dst
Affected condition flags
VI1
H
I0
N
Z
C
DEC
Mem
V
-
-
-
N
Z
-
DEC
Reg
V
-
-
-
N
Z
-
dst
Asm
cy
lgth
Op-code(s)
ST7
ADEC A
1
1
4A
shortmem
DEC $10
1
2
3A
XX
longmem
DEC $1000
1
4
72
5A
MS
LS
(X)
DEC(X)
1
1
7A
(shortoff.X)
DEC($10,X)
1
2
6A
XX
(longoff,X)
DEC($1000,X)
1
4
72
4A
MS
LS
(Y)
DEC(Y)
1
2
90
7A
(shortoff,Y)
DEC($10,Y)
1
3
90
6A
XX
(longoff,Y)
DEC($1000,Y)
1
4
90
4A
MS
LS
(shortoff,SP)
DEC($10,SP)
1
2
0A
XX
[shortptr.w]
DEC[$10]
4
3
92
3A
XX
[longptr.w]
DEC[$1000].w
4
4
72
3A
MS
LS
([shortptr.w],X) DEC([$10],X)
4
3
92
6A
XX
([longptr.w].X]
DEC([$1000.w],X)
4
4
72
6A
MS
LS
([shortptr.w],Y) DEC([$10],Y)
4
3
91
6A
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com