Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics PM0044 Datasheet HTML 15Page - STMicroelectronics PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 162 page
background image
PM0044
STM8 memory interface
Doc ID 13590 Rev 3
17/162
4
STM8 memory interface
4.1
Program space
The program space is 16-Mbyte and linear. To distinguish the 1, 2 and 3 byte wide
addressing modes, naming has been defined as shown in Figure 3:
●
"Page" [0xXXXX00 to 0xXXXXFF]: 256-byte wide memory space with the same two
most significant address bytes (XXXX defines the page number).
●
"Section" [0xXX0000 to 0xXXFFFF]: 64-Kbyte wide memory space with the same most
significant address byte (XX defines the section number).
The reset and interrupt vector table are placed at address 0x8000 for the STM8 family.
(Note: the base address may be different for later implementations.) The table has 32 4-byte
entries: RESET, Trap, NMI and up to 29 normal user interrupts. Each entry consists of the
reserved op-code 0x82, followed by a 24-bit value: PCE, PCH, PCL address of the
respective Interrupt Service Routine. The main program and ISRs can be mapped
anywhere in the 16 Mbyte memory space.
CALL/CALLR and RET must be used only in the same section. The effective address for the
CALL/RET is used as an offset to the current PCE register value. For the JP, the effective
address 16 or 17-bit (for indexed addressing) long, is added to the current PCE value. In
order to reach any address in the program space, the JPF jump and CALLF call instructions
are provided with a three byte extended addressing mode while the RETF pops also three
bytes from the stack.
As the memory space is linear, sections can be crossed by two CPU actions: next
instruction byte fetch (PC+1), relative jumps and, in some cases, by JP (for indexed
addressing mode).
Note:
For safe memory usage, a function which crosses sections MUST:
- be called by a CALLF
- include only far instructions for code operation (CALLF & JPF)
All label pointers are located in section 0 (JP [ptr.w] example: ptr.w is located in section 0
and the jump address in current section)
Any illegal op-code read from the program space triggers a MCU reset.
4.2
Data space
The data space is 16-Mbyte and linear. As the stack must be located in section 0 and as
data access outside section 0/1 can be managed only with LDF instructions, frequently used
data should be located in section 0 to get the optimum code efficiency.
All data pointers are located in section 0 only.
Indexed addressing (with 16-bit index registers and long offset) allows data access over
section 0 and 1.
All the peripherals are memory mapped in the data space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com