Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 6Page - STMicroelectronics PM0044 Datasheet HTML 7Page - STMicroelectronics PM0044 Datasheet HTML 8Page - STMicroelectronics PM0044 Datasheet HTML 9Page - STMicroelectronics PM0044 Datasheet HTML 10Page - STMicroelectronics PM0044 Datasheet HTML 11Page - STMicroelectronics PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 162 page
background image
STM8 architecture
PM0044
10/162
Doc ID 13590 Rev 3
Additional blocks
The additional blocks take the form of integrated hardware peripherals arranged around the
central processor core. The following (non-exhaustive) list details the features of some of the
currently available blocks:
1.1
STM8 development support
The STM8 family of MCUs is supported by a comprehensive range of development tools.
This family presently comprises hardware tools (emulators, programmers), a software
package (assembler-linker, debugger, archiver) and a C-compiler development tool.
STM8 and ST7 CPUs are supported by a single toolchain allowing easy reuse and
portability of the applications between product lines.
Boot ROM
Memory area containing the bootloader code
Flash
Flash-based devices
RAM
Sizes up to several Kbytes
Data EEPROM
Sizes up to several Kbytes. Erase/programming operations do not require
additional external power sources.
Timers
Different versions based on 8/16-bit free running or autoreload timer/counter are
available. They can be coupled with either input captures, output compares or
PWM facilities. PWM functions can have software programmable duty cycle
between 0% to 100% in up to 256/65536 steps. The outputs can be filtered to
provide D/A conversion.
A/D converter
The Analog to Digital Converter uses a sample and hold technique. It has 12-bit
resolution.
I2C
Multi/master, single master, single slave modes, DMA or 1byte transfer, standard
and fast I2C modes, 7 and 10-bit addressing.
SPI
The Serial peripheral Interface is a fully synchronous 3/4 wire interface ideal for
Master and Slave applications such as driving devices with input shift register
(LCD driver, external memory,...).
USART
The USART is a fast synchronous/asynchronous interface which features both
duplex transmission, NRZ format, programmable baud rates and standard error
detection. The USART can also emulate RS232 protocol.
Watchdog
It has the ability to induce a full reset of the MCU if its counter counts down to
zero prior to being reset by the software. This feature is especially useful in noisy
applications.
I/O ports
They are programmable by software to act in several input or output
configurations on an individual line basis, including high current and interrupt
generation. The basic block has eight bit lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com