Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 69 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 65Page - STMicroelectronics PM0044 Datasheet HTML 66Page - STMicroelectronics PM0044 Datasheet HTML 67Page - STMicroelectronics PM0044 Datasheet HTML 68Page - STMicroelectronics PM0044 Datasheet HTML 69Page - STMicroelectronics PM0044 Datasheet HTML 70Page - STMicroelectronics PM0044 Datasheet HTML 71Page - STMicroelectronics PM0044 Datasheet HTML 72Page - STMicroelectronics PM0044 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
69/162
LDF
Data load /
store
with extended
address
--
-
-
-
LDF A,($123456,X)
A
← M(X+extoff)
AF ee ww
bb
1
LDF A,($123456,Y)
A
← M(Y+extoff)
90 AF ee ww
bb
1
LDF A,([$1234.e],X)
A
← M(X+[longptr.e])
92 AF ww bb
5
LDF ($123456,X),A
M(X+extoff)
← A
A7 ee ww
bb
1
LDF ($123456,Y),A
M(Y+extoff)
← A
90 A7 ee ww
bb
1
LDF ([1234.e],X),A
M(X+[longptr.e])
← A
92 A7 ww bb
5
LDW
X register load
--
-
-
-
LDW X,($12,SP)
X
← M(SP+shortoff)
1E bb
2
X register store
LDW ($12,SP),X
M(SP+shortoff)
← X1F bb
2
Y register load
LDW Y,($12,SP)
Y
← M(SP+shortoff)
16 bb
2
Y register store
LDW ($12,SP),Y
M(SP+shortoff)
← Y
17 bb
2
SP register load
/ store
--
LDW SP,X
SP
← X94
1
LDW X,SP
X
← SP
96
1
Index register
move
LDW X, Y
X
← Y93
1
MOV
Data byte move
-
-
-
-
-
-
-
MOV $1234,#$12
M(longmem)
← imm.b
35 ii ww bb
1
MOV $12,$34
MOV mem1,mem2
M(mem1.b)
←
M(mem2.b)
44 b2 b1
1
MOV $1234,$5678
MOV mem1,mem2
M(mem1.w)
←
M(mem2.w)
45 w2 b2 w1
b1
1
MUL
8 by 8
multiplication
(unsigned)
--
0
-
-
-
0
MUL X,A
X
← X*A
42
4
MUL Y,A
Y
← Y*A
90 42
4
NEG
Logical 2’s
complement
--
-
NEG ([$1234.w],X)
M(M(longmem) + X)
←
00 - M(M(longmem) + X)
72 60 ww bb
4
NEGW
Logical 2’s
complement
--
-
NEGW X
X
← 0000 - X
50
2
NOP
No operation
-
-
-
-
-
-
-
NOP
---------
9D
1
OR
Logical OR
-
-
-
-
-
OR A,($12,SP)
A
← A OR M(SP+shortoff) 1A bb
1
POP
Pop data byte
from stack
-
-
-
-
-
-
-
POP $1234
M(longmem)
← M(++SP)
32 ww bb
1
Pop
code condition
register
POP CC
CC
← M(++SP)
86
1
Table 42.
Instruction set summary (continued)
Description
Effect on CC register
Syntax example
Operation
Example
op-
code(s)
VI1
H
I0
N
Z
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com