Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics PM0044 Datasheet HTML 41Page - STMicroelectronics PM0044 Datasheet HTML 42Page - STMicroelectronics PM0044 Datasheet HTML 43Page - STMicroelectronics PM0044 Datasheet HTML 44Page - STMicroelectronics PM0044 Datasheet HTML 45Page - STMicroelectronics PM0044 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 162 page
background image
STM8 addressing modes
PM0044
42/162
Doc ID 13590 Rev 3
6.4.3
SP Indexed addressing mode
The offset is a byte, thus require only one byte after the op-code, but only allow 00..(FF +
stack top) addressing space.
Example:
Figure 13.
SP Indexed - 8-bit offset - addressing mode example
0086
4B11
PUSH #$11
0087
4B22
PUSH #$22
0088
4B33
PUSH #$33
0089
7B03
LD A,($03,SP)
Action:
A = ($03, SP) = ($03, $1FFC) = ($1FFF) = $11
Previous Value
A
Steps to determine
effective address
PC = 0089
PC = PC + 1 = 008A
EA = (PC) + SP=03+1FFC= 1FFF
Before completion
Instruction Complete
A = (EA) = 11
New PC = PC+1 = 008B
After completion
1FFF
1FFC
SP
A
11
SP
1FFC
New PC
008B
7B
03
33
22
Adder
EA
1FFD
0089
008A
008B
1FFE
1FFF
LD A, ($03,SP)
VR02059D
1FFC
11
PC
0089
1FFC
03
7B
03
33
22
1FFD
0089
008A
008B
1FFE
1FFF
LD A, ($03,SP)
1FFC
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com